Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 287 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 287 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 283Page - PMC-Sierra, Inc PM7346 Datasheet HTML 284Page - PMC-Sierra, Inc PM7346 Datasheet HTML 285Page - PMC-Sierra, Inc PM7346 Datasheet HTML 286Page - PMC-Sierra, Inc PM7346 Datasheet HTML 287Page - PMC-Sierra, Inc PM7346 Datasheet HTML 288Page - PMC-Sierra, Inc PM7346 Datasheet HTML 289Page - PMC-Sierra, Inc PM7346 Datasheet HTML 290Page - PMC-Sierra, Inc PM7346 Datasheet HTML 291Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 266
Register 09AH, 19AH, 29AH, 39AH: XBOC Code
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
FEAC[5]
1
Bit 4
R/W
FEAC[4]
1
Bit 3
R/W
FEAC[3]
1
Bit 2
R/W
FEAC[2]
1
Bit 1
R/W
FEAC[1]
1
Bit 0
R/W
FEAC[0]
1
FEAC[5:0]:
FEAC[5:0] contain the six bit code that is transmitted on the far end alarm
and control channel (FEAC). The transmitted code consists of a sixteen bit
sequence that is repeated continuously. The sequence consists of 8 ones
followed by a zero, followed by the six bit code sequence transmitted in order
FEAC0, FEAC1, ..., FEAC5, followed by a zero. The all ones sequence is
inserted in the FEAC channel when FEAC[5:0] is written with all ones.
Note: If configured for J2 transmission format (TFRM[1:0] is 10 binary) and
any of LCDEN, AISEN, OOFEN, LOSEN are set to logic 1 in the S/UNI-QJET
Data Link and FERF/RAI Control, FEAC[5:0] in this register must all be set to
logic 1 for proper RAI transmission upon detection of LCD, PHYAIS, LOF, or
LOS by the J2 FRMR. Otherwise, the BOC code configured by the FEAC[5:0]
bits of this register will be transmitted instead of the RAI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com