Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 290 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 290 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 286Page - PMC-Sierra, Inc PM7346 Datasheet HTML 287Page - PMC-Sierra, Inc PM7346 Datasheet HTML 288Page - PMC-Sierra, Inc PM7346 Datasheet HTML 289Page - PMC-Sierra, Inc PM7346 Datasheet HTML 290Page - PMC-Sierra, Inc PM7346 Datasheet HTML 291Page - PMC-Sierra, Inc PM7346 Datasheet HTML 292Page - PMC-Sierra, Inc PM7346 Datasheet HTML 293Page - PMC-Sierra, Inc PM7346 Datasheet HTML 294Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 269
Register 09CH, 19CH, 29CH, 39CH: S/UNI-QJET FRMR LOF Status.
Bit
Type
Function
Default
Bit 7
R
FRMLOF
X
Bit 6
R/W
FRMLOFE
0
Bit 5
R
FRMLOFI
X
Bit 4
R/W
J2SIGTHRU
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
FRMLOFI:
The FRMLOFI bit shows that a transition has occurred on the FRMLOF state.
When FRMLOFI is logic 1, the FRMLOF state has changed since the last
read of this register. The FRMLOFI bit is cleared whenever this register is
read.
FRMLOFE:
The FRMLOFE bit enables the generation of an interrupt due to a change in
the FRMLOF state. When FRMLOFE is a logic 1, the interrupt is enabled.
FRMLOF:
The FRMLOF bit shows the current state of the E3/T3 LOF or the J2
Extended LOF indication (depending on which mode is enabled). When
FRMLOF is logic 1, the framer has lost frame synchronization for greater than
1ms, 2ms, or 3ms depending on the setting of the LOFINT[1:0] bits in the
S/UNI-QJET Receive Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com