Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 146Page - PMC-Sierra, Inc PM7346 Datasheet HTML 147Page - PMC-Sierra, Inc PM7346 Datasheet HTML 148Page - PMC-Sierra, Inc PM7346 Datasheet HTML 149Page - PMC-Sierra, Inc PM7346 Datasheet HTML 150Page - PMC-Sierra, Inc PM7346 Datasheet HTML 151Page - PMC-Sierra, Inc PM7346 Datasheet HTML 152Page - PMC-Sierra, Inc PM7346 Datasheet HTML 153Page - PMC-Sierra, Inc PM7346 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 129
Register 015H, 115H, 215H, 315H: PMON Line Code Violation Event Count
MSB
Bit
Type
Function
Default
Bit 7
R
LCV[15]
X
Bit 6
R
LCV[14]
X
Bit 5
R
LCV[13]
X
Bit 4
R
LCV[12]
X
Bit 3
R
LCV[11]
X
Bit 2
R
LCV[10]
X
Bit 1
R
LCV[9]
X
Bit 0
R
LCV[8]
X
LCV[15:0]:
LCV[15:0] represents the number of DS3, E3, or J2 line code violation errors
that have been detected since the last time the LCV counter was polled.
The counter (and all other counters in the PMON) is polled by writing to any
of the PMON register addresses (x14H to x1FH) or to the S/UNI-QJET
Identification, Master Reset, and Global Monitor Update register (006H).
Such a write transfers the internally accumulated count to the LCV Error
Count Registers and simultaneously resets the internal counter to begin a
new cycle of error accumulation. This transfer and reset is carried out in a
manner that coincident events are not lost. The transfer takes 3 RCLK[x]
cycles to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com