Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 150Page - PMC-Sierra, Inc PM7346 Datasheet HTML 151Page - PMC-Sierra, Inc PM7346 Datasheet HTML 152Page - PMC-Sierra, Inc PM7346 Datasheet HTML 153Page - PMC-Sierra, Inc PM7346 Datasheet HTML 154Page - PMC-Sierra, Inc PM7346 Datasheet HTML 155Page - PMC-Sierra, Inc PM7346 Datasheet HTML 156Page - PMC-Sierra, Inc PM7346 Datasheet HTML 157Page - PMC-Sierra, Inc PM7346 Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 133
Register 019H, 119H, 219H, 319H: PMON Excessive Zero Count MSB
Bit
Type
Function
Default
Bit 7
R
EXZS[15]
X
Bit 6
R
EXZS[14]
X
Bit 5
R
EXZS[13]
X
Bit 4
R
EXZS[12]
X
Bit 3
R
EXZS[11]
X
Bit 2
R
EXZS[10]
X
Bit 1
R
EXZS[9]
X
Bit 0
R
EXZS[8]
X
EXZS[15:0]:
In DS3 mode, EXZS[15:0] represents the number of summed Excessive
Zeros (EXZS) that occurred during the previous accumulation interval. One
or more excessive zeros occurrences within an 85 bit DS3 information block
is counted as one summed excessive zero. Excessive zeros are accumulated
by this register only when the EXZSO and EXZDET are logic 1 in the DS3
FRMR Additional Configuration Register. This register accumulates summed
line code violations when the EXZSO is logic 0. The count of summed line
code violations is defined as the number of DS3 information blocks (85 bits)
that contain one or more line code violations since the last time the summed
LCV counter was polled.
The counter (and all other counters in the PMON) is polled by writing to any
of the PMON register addresses (x14H to x1FH) or to the S/UNI-QJET
Identification, Master Reset, and Global Monitor Update register (006H).
Such a write transfers the internally accumulated count to the EXZS Event
Count Registers and simultaneously resets the internal counter to begin a
new cycle of error accumulation. This transfer and reset is carried out in a
manner that coincident events are not lost. The transfer takes 255 RCLK[x]
cycles to complete in DS3 mode and a maximum of 500 RCLK[x] cycles to
complete in G.832 E3 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com