Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 159Page - PMC-Sierra, Inc PM7346 Datasheet HTML 160Page - PMC-Sierra, Inc PM7346 Datasheet HTML 161Page - PMC-Sierra, Inc PM7346 Datasheet HTML 162Page - PMC-Sierra, Inc PM7346 Datasheet HTML 163Page - PMC-Sierra, Inc PM7346 Datasheet HTML 164Page - PMC-Sierra, Inc PM7346 Datasheet HTML 165Page - PMC-Sierra, Inc PM7346 Datasheet HTML 166Page - PMC-Sierra, Inc PM7346 Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 142
Register 023H, 123H, 223H, 323H: CPPM B1 Error Count MSB
Bit
Type
Function
Default
Bit 7
R
B1E[15]
X
Bit 6
R
B1E[14]
X
Bit 5
R
B1E[13]
X
Bit 4
R
B1E[12]
X
Bit 3
R
B1E[11]
X
Bit 2
R
B1E[10]
X
Bit 1
R
B1E[9]
X
Bit 0
R
B1E[8]
X
B1E[15:0]:
B1E[15:0] represents the number of PLCP bit interleaved parity (BIP) errors
that have been detected since the last time the B1 error counter was polled.
The counter (and all other counters in the CPPM) is polled by writing to any of
the CPPM register addresses (x22H - x2FH). Such a write transfers the
internally accumulated count to the B1 Error Count Registers and
simultaneously resets the internal counter to begin a new cycle of error
accumulation. This transfer occurs within 67 RCLK periods (1.5 µs for the
DS3 bit rate; 1.95µs for the E3 bit rate) of the write. The transfer and reset is
carried out in a manner that coincident events are not lost. B1 errors are not
accumulated when the S/UNI-QJET has declared a PLCP loss of frame
defect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com