Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 161Page - PMC-Sierra, Inc PM7346 Datasheet HTML 162Page - PMC-Sierra, Inc PM7346 Datasheet HTML 163Page - PMC-Sierra, Inc PM7346 Datasheet HTML 164Page - PMC-Sierra, Inc PM7346 Datasheet HTML 165Page - PMC-Sierra, Inc PM7346 Datasheet HTML 166Page - PMC-Sierra, Inc PM7346 Datasheet HTML 167Page - PMC-Sierra, Inc PM7346 Datasheet HTML 168Page - PMC-Sierra, Inc PM7346 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 144
Register 025H, 125H, 225H, 325H: CPPM Framing Error Event Count MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
FE[11]
X
Bit 2
R
FE[10]
X
Bit 1
R
FE[9]
X
Bit 0
R
FE[8]
X
FE[11:0]:
FE[11:0] represents the number of PLCP framing pattern octet errors and
path overhead identification octet errors that have been detected since the
last time the framing error event counter was polled. The counter (and all
other counters in the CPPM) is polled by writing to any of the CPPM register
addresses (x22H - x2FH). Such a write transfers the internally accumulated
count to the Framing Error Event Count Registers and simultaneously resets
the internal counter to begin a new cycle of error accumulation. This transfer
occurs within 67 RCLK periods (1.5 µs for the DS3 bit rate; 1.95µs for the E3
bit rate) of the write. The transfer and reset is carried out in a manner that
coincident events are not lost. Framing error errors are not accumulated
when the S/UNI-QJET has declared a PLCP loss of frame defect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com