Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 160 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 160 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 156Page - PMC-Sierra, Inc PM7346 Datasheet HTML 157Page - PMC-Sierra, Inc PM7346 Datasheet HTML 158Page - PMC-Sierra, Inc PM7346 Datasheet HTML 159Page - PMC-Sierra, Inc PM7346 Datasheet HTML 160Page - PMC-Sierra, Inc PM7346 Datasheet HTML 161Page - PMC-Sierra, Inc PM7346 Datasheet HTML 162Page - PMC-Sierra, Inc PM7346 Datasheet HTML 163Page - PMC-Sierra, Inc PM7346 Datasheet HTML 164Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 139
Register 01FH, 11FH, 21FH, 31FH: PMON FEBE/J2-EXZS Event Count MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R
FEBE/J2-EXZS[13]
X
Bit 4
R
FEBE/J2-EXZS[12]
X
Bit 3
R
FEBE/J2-EXZS[11]
X
Bit 2
R
FEBE/J2-EXZS[10]
X
Bit 1
R
FEBE/J2-EXZS[9]
X
Bit 0
R
FEBE/J2-EXZS[8]
X
FEBE/J2-EXZS[13:0]:
FEBE/J2-EXZS[13:0] represents the number of DS3 or E3 G.832 far end
block errors that have been detected since the last time the FEBE error
counter was polled.
In J2 mode, FEBE/J2-EXZS[13:0] represents the number of Excessive Zeros
(EXZS is a string of 8 or more consecutive zeros) that have occurred during
the previous accumulation interval.
The counter (and all other counters in the PMON) is polled by writing to any
of the PMON register addresses (x14H to x1FH) or to the S/UNI-QJET
Identification, Master Reset, and Global Monitor Update register (006H).
Such a write transfers the internally accumulated count to the FEBE Event
Count Registers and simultaneously resets the internal counter to begin a
new cycle of error accumulation. This transfer and reset is carried out in a
manner that coincident events are not lost. The transfer takes 255 RCLK[x]
cycles to complete in DS3 mode and 3 RCLK[x] cycles to complete in E3 and
J2 mode.
This counter is paused when the corresponding framer has lost frame
alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com