Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 183Page - PMC-Sierra, Inc PM7346 Datasheet HTML 184Page - PMC-Sierra, Inc PM7346 Datasheet HTML 185Page - PMC-Sierra, Inc PM7346 Datasheet HTML 186Page - PMC-Sierra, Inc PM7346 Datasheet HTML 187Page - PMC-Sierra, Inc PM7346 Datasheet HTML 188Page - PMC-Sierra, Inc PM7346 Datasheet HTML 189Page - PMC-Sierra, Inc PM7346 Datasheet HTML 190Page - PMC-Sierra, Inc PM7346 Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 166
Register 03AH, 13AH, 23AH, 33AH: E3 FRMR Framing Interrupt Enable
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
CZDE
0
Bit 3
R/W
LOSE
0
Bit 2
R/W
LCVE
0
Bit 1
R/W
COFAE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable. When OOFE is logic 1, a change of
state of the OOF status generates an interrupt and sets the INTB output to
logic 0. When OOFE is logic 0, changes of state of the OOF status are
disabled from causing interrupts on the INTB output.
COFAE:
The COFAE bit is an interrupt enable. When COFAE is logic 1, a change of
frame alignment generates an interrupt and sets the INTB output to logic 0.
When COFAE is logic 0, changes of frame alignment are disabled from
causing interrupts on the INTB output.
LCVE:
The LCVE bit is an interrupt enable. When LCVE is logic 1, detection of a line
code violation generates an interrupt and sets the INTB output to logic 0.
When LCVE is logic 0, occurrences of line code violations are disabled from
causing interrupts on the INTB output.
LOSE:
The LOSE bit is an interrupt enable. When LOSE is logic 1, a change of state
of the loss-of-signal generates an interrupt and sets the INTB output to logic
0. When LOSE is logic 0, occurrences of loss-of-signal are disabled from
causing interrupts on the INTB output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com