Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 170Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 171Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 225 page
background image
Chapter 9 Synchronous Serial I/O (TXSEI)
Preliminary
9-17
9.3.1.2
SPHA Equals 1 Format
CLK (SPOL = 0)
CLK (SPOL = 1)
TX
RX
SS
Cycle #
n=5,6,...,16
1
2
3
4
n-3
n-2
n-1
n
Sample Point
SRRDY
Figure 9.3.2 Protocol Timing for SPHA=1
In this transfer format, the first bit is shifted in on the second clock edge. This will be on a
falling edge when SPOL equals 0 and on a rising edge when SPOL equals 1. If SPOL equals 0, the
shift clock will idle low; with SPOL equals 1 it will idle high.
In master mode, when a transfer is initiated by writing a new value to the SEDR register the
new data is placed on the TX signal with the first edge of the shift clock.
9.3.1.3
Inter-Frame Space Delay Mechanism
Due to its DMA support and its buffered shift register, TXSEI is able to sustain high data rates,
with only a minimum amount of space between two consecutive frames.
However, between consecutive transfers it still has to be ensured that the slave device can keep
up with the transfer rate of the SEI master. If TXSEI is configured as a master, the slave device
typically has to write new values to its transmit buffer, before the next transfer can be started. To
allow this, usually a minimum inter-frame space is specified considering interrupt response and
data fetch time of the slave device.
TXSEI eases the implementation of this inter-frame space by offering an automated mechanism
to guarantee inter-frame delays between consecutive frames.
The inter-frame space counter is implemented as a 10 bit down counter. The counter is reloaded
with the value from the SEFS register after each transfer. The next transfer will not start before the
IFS counter reaches a value of zero. The internal IFS counter is reset every time the SEFS register
is written. Therefore, if the module is in the inter-frame space the next transfer will start
immediately, if the register is written, even if the same value is rewritten to the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com