Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-1
10. Asynchronous Serial Interface (UART)
The Asynchronous Serial Interface (UART) has the following features:
•
Four channels
•
Full-duplex transfer
•
Baud rate generator
•
Modem flow control (RTS/CTS), available on channels 1 and 2 only
•
Transmit and receive FIFO, each of size 2 entries
•
Multi controller system support (master/slave
* operation capable)
10.1 Operations on Serial Interface
10.1.1
Outline
The UART is used to convert parallel data, retrieved from memory, to a serial stream with control and
error detection bits. The same applies for data receive: only that a serial stream of data is converted to
parallel by means of a shift register and then put into a FIFO. To retrieve data from memory or store
data into memory one of the following policies is available:
•
polling the Interrupt Status Register
•
by serving an interrupt
•
by DMA transfer.
The rate at which data is transferred (Baud Rate) can be programmed in the Baud Rate Control
Register.
Care has to be taken in the configuration of the TMPR3916 to enable the I/Os of the UART.
* Please read carefully the documentation if the device has to be used for slave operation, since the TMPR3916 does not
have open drain output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com