Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 179 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 179 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 183Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-4
10.1.3
Serial Clock Generator
The data rate of serial transmissions depends on the Serial Clock. To generate the Serial Clock it is
possible to use either an external clock or the system clock of the device. Please note that once an
external clock is connected to the device’s I/O pin the user must use this clock, otherwise a conflict will
occur.
Once that the clock source is fixed, this is used to generate the Serial Clock by means of a prescaler
(optional) and a Baud Rate Divisor.
Figure 10.1.4 shows a block diagram of the Serial Clock Generator:
T0
T2
T4
T6
Prescale
Select
Divider
Baud Rate
Divider Value
Selector
Selector
external
clock
Clock Select 2
Baud Rate Generator
Prescaler
system
clock
Selector
Clock Select 1
SIOCLK
1/16
OUTSEL
Figure 10.1.4 Serial Clock Generator Structure
The Clock Select 1 and 2 control lines are bits 6 and 5 respectively of the Line Control Register and
allow the user to choose between an internal or external clock, and if the Baud Rate Generator has to be
bypassed. The output clock – if the BRG is bypassed – can be of the same frequency as the input clock
or divided by 16, depending on the value of OUTSEL (Line Control Register).
The SIOCLK is not used as system clock for FIFOs etc, but to synchronize operations. The SIOCLK
is output as Serial Clock Out. The OUTSEL bit will affect the frequency of the Serial Clock Out but not
the baud rate of the UART.
The baud rate generator creates the transmit/receive clock, which regulates the transfer rate for the
serial interface. The baud rate can be calculated by the following formula:
16
1)
generator
rate
baud
of
(divisor
prescaler
frequency
input
rate
baud
÷
+
×
=
The input clock (either system or external clock) may be prescaled by the values shown in the SIBGR
registers and then divided according to the BRD field of the same register. Pay attention to the fact that
the clock is actually divided by a value of (BRD+1). The BRD is an 8-bit register, so the divider ranges
from 1 to 256.
Table 10.1.1 shows the output frequency of the baud rate generator (SIOCLK), depending on the
baud rate divisor and the prescaler:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com