Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 180 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 180 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 180Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 181Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 182Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 183Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 184Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-5
Desired Baud
Rate
Baud Rate
Input
Prescaler
Baud Rate
Divisor
Actual Baud
Rate
9600
60 MHz
½ (000)
194 (0xC2)
9615
57600
60 MHz
½ (000)
32 (0x20)
56818
115200
60 MHz
½ (000)
15 (0x0F)
117187
Table 10.1.1 Baud Rate Register Settings for Common Baud Rates
Other Baud Rates may be easily calculated. When choosing the value of the Prescaler and the Baud
Rate Divisor we recommend that the actual baud rate should not differ more than 4.0% from the
nominal value. This is because a certain drift is allowed but if the 4.0% figure is exceeded then the
correct transmission of a frame is not guaranteed anymore.
10.1.4
Transmitter Control
Once that the parameters have been set, writing data into the Transmit FIFO is sufficient for
transmission. During transmission also the parity bit will be calculated and added to the data stream if
the option has been enabled. The data transmission rate will be the one set in the Baud Rate Register.
Make sure that both receiver and transmitter have the same settings for Baud Rate, data bits, parity, and
stop bits.
The transmitter shift register is an 8-bit shift register, that gets its data from the transmitter FIFO. Bit
0 of the shift register will be sent first.
10.1.5
Receiver Control
After that the receiver is enabled, the controller will be looking for the start bit on the serial input line
(RX). A “0” on serial input only will be recognized as start bit, if a “1” was detected in the bit before.
When the receive control detects a start bit, the receiving operation will start.
The output of the baud rate generator (SIOCLK) is 16 times the frequency of the data transfer rate on
serial interface. The serial data input (RX) will be sampled on 7
th, 8th and 9th clock of SIOCLK. A
majority logic determines the input value.
The receiver shift register consists of an 8-bit shift register. At the end of a transmission, bit 0 of the
shift register contains the bit which has been received first.
10.1.6
Host Interface
The data transfer to the transmitter FIFO can be handled via interrupt processing or via DMA
transfer. If the transmitter FIFO has as many free entries as set in the transmit DMA interrupt trigger
level (TDIL in FIFO control register), an interrupt or DMA request is generated. Afterwards the DMA
Controller or the software fetches data from memory and writes it to the transmitter FIFO.
The data transfer from the receiver FIFO can be handled via polling, interrupt processing or via DMA
transfer. If the receiver FIFO has as much free space as set in the receive DMA interrupt trigger level
(RDIL in FIFO control register), an interrupt or DMA request is generated. Afterwards the DMA
Controller or the software fetches data from the receive FIFO and writes it to memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com