Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-20
Receive operation:
(7, 8-bit length multi controller system; RWUB=1 for data skip)
1
789
16
bit0
bit7
16
789
SIOCLK
SIN
Valid bit0
Valid bit7
10 11
10 11
789
10 11
Wake Up bit = 0
SPINTREQ*
SPINTREQ*
1
16
789
10 11
1
16
Stop bit
data
SPINTREQ*
If Framing Error
Occur
Over Run Error
DMA/Interrupt Status Reg. <ERI >=1
DMA/Interrupt Status Reg. <ERI >=1
Figure 10.3.4 Receiving 7 or 8 Bit Data Skip Multi Controller Environment
Transmit operation
11
16
bit0
bit7
16
SIOCLK
SOUT
TRANS. FIFO to
Trans. Shift Reg.
Shift-Out
Timing
16
1
Start Bit
16
11
16
1
16
(Wake Up Bit)
Stop Bit
16
bit n
Parity Bit
Figure 10.3.5 Transmitting 8 Bit Data
Transmit halt timing by CTS*
11
16
bit0
16
SIOCLK
SOUT
TRANS. FIFO to
Trans. Shift Reg.
Shift-Out
Timing
16
Start Bit
16
11
16
bit n
CTS*
Stop Bit
Trans. halt
Trans,start
Figure 10.3.6 Transmitting HALT Command
When CTS becomes 1 during data transmission, the data transfer halts after completing the current
data transmission. Despite the halt, the next data is stored in the transmitter shift register. The
transmission is restarted at the first shift out pulse after CTS becomes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com