Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 193 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 193 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 197Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-18
10.2.8
Baud rate control register (SIBGR)
Bit
31
16
Name
Bit
15
11
10
987
0
Name
BCLK
BRD
Bit
Name
Function
Reset
Value
R/W
31:11
Wired to zero
0R
10:8
BCLK
Baud Rate Generator Clock
Specifies the prescaler for the input clock of baud rate generator.
000 = 1/2 system frequency
001 = 1/8 system frequency
010 = 1/32 system frequency
011 = 1/128 system frequency
1xx = system frequency (prescaler bypass)
011
R/W
7:0
BRD
Baud Rate Divisor
Set the baud rate divisor.
0xFF
R/W
10.2.9
Transmitter FIFO register (SITFIFO)
Bit
31
8
7
0
Name
TXD
Bit
Name
Function
Reset
Value
R/W
31:8
Wired to zero
0R
7:0
TXD
Transmit data
Data written to this register are carried to transmit FIFO.
Note: The bits are write-only.
0
W
10.2.10 Receiver FIFO register (SIRFIFO)
Bit
31
8
7
0
Name
RXD
Bit
Name
Function
Reset
Value
R/W
31:8
Wired to zero
0R
7:0
RXD
Receive Data
Read this register to get next data item from the receiver FIFO.
0
R
The Receiver FIFO Register can only be read by a 32-bit-word access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com