Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 190 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 190 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 194Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 225 page
background image
Chapter 10 Asynchronous Serial Interface (UART)
Preliminary
10-15
10.2.5
Status Change Register (SISCISR)
Bit
31
8
Name
Bit
7
6
543
210
Name
OERS
CTSS
RBRKD
TRDY
TXALS
UBRKD
Bit
Name
Function
Reset
Value
R/W
31:6
Wired to zero
0R
5
OERS
Overrun Error
This bit will be set to 1, when an overrun error occurs.
Cleared by writing 0
0
R/W
4
CTSS
CTS terminal
Indicates the CTS terminal status.
0 = CTS is deasserted
1 = CTS is asserted
0
R
3
RBRKD
Receive Break
This bit will be set to 1, when the UART is in break status.
0
R
2
TRDY
Tx Ready
Set to 1 when the transmitter FIFO has free space at least for one
entry of data.
1
R
1
TXALS
Tx All
Set to 1 when transmitter FIFO and transmitter shift register are
empty.
1
R
0
UBRKD
UART Break Detect
Set to 1 immediately when a break is detected. Cleared by writing 0.
0
R/W
UBRKD will be set to 1 as soon as a Break is detected, it will remain 1 until it is explicitly cleared by
the software. RBRKD, instead, will be 1 only for the duration of the Break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com