Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 258 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 258 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 254Page - Infineon Technologies AG XC2000 Datasheet HTML 255Page - Infineon Technologies AG XC2000 Datasheet HTML 256Page - Infineon Technologies AG XC2000 Datasheet HTML 257Page - Infineon Technologies AG XC2000 Datasheet HTML 258Page - Infineon Technologies AG XC2000 Datasheet HTML 259Page - Infineon Technologies AG XC2000 Datasheet HTML 260Page - Infineon Technologies AG XC2000 Datasheet HTML 261Page - Infineon Technologies AG XC2000 Datasheet HTML 262Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-40
V1.0, 2007-06
ICU_X2K, V2.2
Sources for Additional Delays
Because the service requests are inserted into the current instruction stream, the
properties of this instruction stream can influence the request latency.
The actual response to an interrupt request may be delayed further depending on
programming techniques used by the application. The following factors can contribute:
•
Actual interrupt service routine is only reached via a JUMP from the interrupt vector
table.
Time-critical instructions can be placed directly into the interrupt vector table,
followed by a branch to the remaining part of the interrupt service routine. The space
between two adjacent vectors can be selected via bitfield VECSC in register
CPUCON1.
•
Context switching is executed before the intended action takes place (see
Section 5.6)
Time-critical instructions can be programmed “non-destructive” and can be executed
before switching context for the remaining part of the interrupt service routine.
Table 5-14
Additional Delays Caused by System Logic
Reason for Delay
Interrupt Response
PEC Response
Interrupt controller busy,
because the previous interrupt request
is still in process
max. 7 cycles
max. 7 cycles
Pipeline is stalled,
because instructions preceding the
injected instruction in the pipeline need
to write/read data to/from a peripheral
or memory
2
× T
ACCmax
1)
1) This is the longest possible access time within the XC2000 system.
2
× T
ACCmax
Pipeline cancelled,
because instructions preceding the
injected instruction in the pipeline
update core SFRs
4 cycles
4 cycles
Memory access for stack writes (if not
to DPRAM or DSRAM)
2/3
× T
ACC
2)
2) Depending on segmentation off/on.
- - -
Memory access for vector table read
(except for intr. jump table cache)
2
× T
ACC
- - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com