Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 257 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 257 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 253Page - Infineon Technologies AG XC2000 Datasheet HTML 254Page - Infineon Technologies AG XC2000 Datasheet HTML 255Page - Infineon Technologies AG XC2000 Datasheet HTML 256Page - Infineon Technologies AG XC2000 Datasheet HTML 257Page - Infineon Technologies AG XC2000 Datasheet HTML 258Page - Infineon Technologies AG XC2000 Datasheet HTML 259Page - Infineon Technologies AG XC2000 Datasheet HTML 260Page - Infineon Technologies AG XC2000 Datasheet HTML 261Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-39
V1.0, 2007-06
ICU_X2K, V2.2
5.10
Service Request Latency
The numerous service requests of the XC2000 (requests for interrupt or PEC service)
are generated asynchronously with respect to the execution of the instruction flow.
Therefore, these requests are arbitrated and are inserted into the current instruction
stream. This decouples the service request handling from the currently executed
instruction stream, but also leads to a certain latency.
The request latency is the time from activating a request signal at the interrupt controller
(ITC) until the corresponding instruction reaches the pipeline’s execution stage.
Table 5-13 lists the consecutive steps required for this process.
Table 5-13
Steps Contributing to Service Request Latency
Description of Step
Interrupt Response
PEC Response
Request arbitration in 3 stages,
leads to acceptance by the CPU
(see Section 5.2)
3 cycles
3 cycles
Injection of an internal instruction into
the pipeline’s instruction stream
4 cycles
4 cycles
The first instruction fetched from the
interrupt vector table reaches the
pipeline’s execution stage
4 cycles / 0
1)
1) Can be saved by using the interrupt jump table cache (see Section 5.3).
- - -
Resulting minimum request latency
11/7 cycles
7 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com