| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 253 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 253 Page - Infineon Technologies AG |
|
253 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Interrupt and Trap Functions Preliminary User’s Manual 5-35 V1.0, 2007-06 ICU_X2K, V2.2 5.7 Interrupt Node Sharing Interrupt nodes may be shared among several module requests if either the requests are generated mutually exclusively or the requests are generated at a low rate. If more than one source is enabled in this case, the interrupt handler will first need to determine the requesting source. However, this overhead is not critical for low rate requests. This node sharing is either controlled via interrupt sub-node control registers (ISNC) which provide separate request flags and enable bits for each supported request source, or via register ISSR, where each bit selects one of two interrupt sources. The interrupt level used for arbitration is determined by the node control register (… IC). The specific request flags within ISNC registers must be reset by software, contrary to the node request bits which are cleared automatically. Table 5-11 Sub-Node Control Bit Allocation Interrupt Node Interrupt Sources Control EOPIC PEC channels 7 … 0 PECISNC RTC_IC RTC: overflow of T14, CNT0 … CNT3 RTC_ISNC CC2_CC16IC CAPCOM2 request, ERU request 0 ISSR CC2_CC17IC CAPCOM2 request, ERU request 1 ISSR CC2_CC18IC CAPCOM2 request, ERU request 2 ISSR CC2_CC19IC CAPCOM2 request, ERU request 3 ISSR CC2_CC20IC CAPCOM2 request, USIC0 request 6 ISSR CC2_CC21IC CAPCOM2 request, USIC0 request 7 ISSR CC2_CC22IC CAPCOM2 request, USIC1 request 6 ISSR CC2_CC23IC CAPCOM2 request, USIC1 request 7 ISSR CC2_CC24IC CAPCOM2 request, ERU request 0 ISSR CC2_CC25IC CAPCOM2 request, ERU request 1 ISSR CC2_CC26IC CAPCOM2 request, ERU request 2 ISSR CC2_CC27IC CAPCOM2 request, ERU request 3 ISSR CC2_CC28IC CAPCOM2 request, USIC2 request 6 ISSR CC2_CC29IC CAPCOM2 request, USIC2 request 7 ISSR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |