Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 306 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 306 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 302Page - Infineon Technologies AG XC2000 Datasheet HTML 303Page - Infineon Technologies AG XC2000 Datasheet HTML 304Page - Infineon Technologies AG XC2000 Datasheet HTML 305Page - Infineon Technologies AG XC2000 Datasheet HTML 306Page - Infineon Technologies AG XC2000 Datasheet HTML 307Page - Infineon Technologies AG XC2000 Datasheet HTML 308Page - Infineon Technologies AG XC2000 Datasheet HTML 309Page - Infineon Technologies AG XC2000 Datasheet HTML 310Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-40
V1.0, 2007-06
SCU, V1.1
6.2.9
Module Reset Behavior
Table 6-7 lists how the various functions of the XC2000 are affected through a reset
depending on the reset type. A “X” means that this block has at least some register/bits
that are affected by this reset type.
Table 6-7
Effect of Reset on Device Functions
Module / Function
Application
Reset
Internal
Application
Reset
Debug Reset
System
Reset
CPU Core
XX
XX
Peripherals
(except
SCU and
RTC)
XX
XX
SCU
X
Not affected
Not affected
X
RTC
Not affected
Not affected
X
X
On-chip
Static
RAMs
1)
1)
Reliable here means that also the redundancy is not affected by the reset.
DPRAM
Not affected,
reliable
Not affected,
reliable
Not affected,
reliable
Affected,
un-reliable
PSRAM
Not affected,
reliable
Not affected,
reliable
Not affected,
reliable
Affected,
un-reliable
DSRAM
Not affected,
reliable
Not affected,
reliable
Not affected,
reliable
Affected,
un-reliable
Flash
Memory
X
2)
2)
Parts of the flash memory block are only reset by a System Reset. For more detail see the flash chapter.
X
2)
Not affected,
reliable
X
JTAG
Interface
Not affected
Not affected
Not affected
Not affected
OCDS
Not affected
Not affected
X
X
Oscillators,
PLL
Not affected
Not affected
Not affected
X
Port Pins
Not affected
X
Not affected
X
Pins ESRx
Not affected
X
Not affected
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com