Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 302 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 302 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 298Page - Infineon Technologies AG XC2000 Datasheet HTML 299Page - Infineon Technologies AG XC2000 Datasheet HTML 300Page - Infineon Technologies AG XC2000 Datasheet HTML 301Page - Infineon Technologies AG XC2000 Datasheet HTML 302Page - Infineon Technologies AG XC2000 Datasheet HTML 303Page - Infineon Technologies AG XC2000 Datasheet HTML 304Page - Infineon Technologies AG XC2000 Datasheet HTML 305Page - Infineon Technologies AG XC2000 Datasheet HTML 306Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-36
V1.0, 2007-06
SCU, V1.1
6.2.4
Debug Reset Assertion
Unlike the other reset types a Debug Reset can only be asserted if the following two
conditions are valid:
•
A reset request trigger is asserted that request a debug reset
•
An Application Reset is active in the system
6.2.5
Example1:
Reset request trigger A is asserted and leads to an Application Reset. If the reset request
trigger is de-asserted before RSTCNTA reached zero the Application Reset is de-
asserted when RSTCNTA reaches zero. If the reset request trigger is de-asserted after
RSTCNTA reached zero the Application Reset is de-asserted when the reset request
trigger is de-asserted.
6.2.6
Example2:
Reset request trigger A is asserted and leads to an Application Reset. Reset request
trigger A is de-asserted before RSTCNTA reached zero. Reset request trigger B is
asserted after reset request trigger A but before RSTCNTA reaches zero. Reset request
trigger B is also configured to result in a Application Reset. If the reset request trigger B
is de-asserted before RSTCNTA reached zero the Application Reset is de-asserted
when RSTCNTA reaches zero. If the reset request trigger B is de-asserted after
RSTCNTA reached zero the Application Reset is de-asserted when the reset request
trigger B is de-asserted.
6.2.7
Example3:
Reset request trigger A is asserted and leads to a System Reset. Reset request trigger
A is de-asserted before RSTCNTA reached zero. Reset request trigger B is asserted
after reset request trigger A but before RSTCNTA reaches zero. Reset request trigger B
is configured to result in a Internal Application Reset. If the reset request trigger B is de-
asserted before RSTCNTA reached zero the System, Internal Application, and
Application Resets are de-asserted when RSTCNTA reaches zero. If the reset request
trigger B is de-asserted after RSTCNTA reached zero the Internal Application and
Application Resets are de-asserted when the reset request trigger B is de-asserted.
6.2.8
Reset Request Trigger Sources
The following overview summarizes the different reset request trigger sources within the
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com