Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 299 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 299 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 295Page - Infineon Technologies AG XC2000 Datasheet HTML 296Page - Infineon Technologies AG XC2000 Datasheet HTML 297Page - Infineon Technologies AG XC2000 Datasheet HTML 298Page - Infineon Technologies AG XC2000 Datasheet HTML 299Page - Infineon Technologies AG XC2000 Datasheet HTML 300Page - Infineon Technologies AG XC2000 Datasheet HTML 301Page - Infineon Technologies AG XC2000 Datasheet HTML 302Page - Infineon Technologies AG XC2000 Datasheet HTML 303Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-33
V1.0, 2007-06
SCU, V1.1
6.2
Reset Operation
All resets are generated by the Reset Control Block. It handles the control of the reset
triggers as well as the length of a reset and the reset timing. A reset leads the system,
or a part of the system depending on the reset, to a initialization into a defined state.
6.2.1
Reset Architecture
The XC2000 contains a very sophisticated reset architecture to offer the greatest amount
of flexibility for the support of different applications. The reset architecture supports the
different power domains:
If a power domain is deactivated all resets of the deactivated level and all resets of all
lower power domains are asserted.
Additionally the different types of resets supported for the complete system.
6.2.1.1
Reset Types
The following summery shows the different reset types.
•
Power-on Reset:
This reset leads to a initialization into a defined state of the complete system. This
reset is only generated on a real power-on event and can not be generated by any
no power related event.
•
System Reset:
This reset leads to a initialization into a defined state of the complete system without
the following parts: reset control, power control, clock control, stand-by RAM.
•
Debug Reset:
This reset leads to a initialization into a defined state of the complete debug system.
•
Internal Application Reset:
This reset leads to a initialization into a defined state of the complete application
system with the following parts: all peripherals (without the Ports and RTC), the CPU
and partially the SCU and the flash memory.
•
Application Reset:
This reset leads to a initialization into a defined state of the complete application
system with the following parts: all peripherals (without the RTC), the CPU and
partially the SCU and the flash memory.
6.2.2
General Reset Operation
A reset is generated if an enabled reset request trigger is asserted. Most reset request
trigger can configured for the reset type that should initiated by it. No action (disabled) is
one possible configuration and can be selected for a reset request trigger by setting the
adequate bit field in a Reset Configuration Register to 00
B. The debug reset can only be
requested by dedicated reset request triggers and can not be selected via a Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com