Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 296 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 296 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 292Page - Infineon Technologies AG XC2000 Datasheet HTML 293Page - Infineon Technologies AG XC2000 Datasheet HTML 294Page - Infineon Technologies AG XC2000 Datasheet HTML 295Page - Infineon Technologies AG XC2000 Datasheet HTML 296Page - Infineon Technologies AG XC2000 Datasheet HTML 297Page - Infineon Technologies AG XC2000 Datasheet HTML 298Page - Infineon Technologies AG XC2000 Datasheet HTML 299Page - Infineon Technologies AG XC2000 Datasheet HTML 300Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-30
V1.0, 2007-06
SCU, V1.1
STATCLR1
Status Clear 1 Register
ESFR (F0E2
H/71H)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
0
CLR
FIN
DIS
SET
FIN
DIS
OSC
2L0
CLR
OSC
2L1
CLR
VCO
L1
CLR
VCO
L0
CLR
r
w
www
ww
Field
Bits
Type
Description
VCOL0CLR
0w
VCOL0 Clear Trigger
0
B
No action
1
B
Bit PLLSTAT.VCOL0 is cleared
VCOL1CLR
1w
VCOL1 Clear Trigger
0
B
No action
1
B
Bit PLLSTAT.VCOL1 is cleared
OSC2L1CLR
2w
OSC2L1 Clear Trigger
0
B
No action
1
B
Bits HPOSCCON.OSC2L1 is cleared
OSC2L0CLR
3w
OSC2L0 Clear Trigger
0
B
No action
1
B
Bit HPOSCCON.OSC2L0 is cleared
SETFINDIS
4w
Set Status Bit PLLSTAT.FINDIS
0
B
No action
1
B
Set bit PLLSTAT.FINDIS. The VCO input clock
becomes disconnected (open).
Software should not set SETFINDIS if bit
SYSCON0.SELSTAT is set.
CLRFINDIS
5w
Clear Status Bit PLLSTAT.FINDIS
0
B
No action
1
B
Clear bit PLLSTAT.FINDIS. The VCO input
clock becomes connected to the P-Divider.
Software should not set CLRFINDIS if bit
SYSCON0.SELSTAT is set.
0
[15:6]
r
Reserved
Read as 0; should be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com