Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 295 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 295 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 291Page - Infineon Technologies AG XC2000 Datasheet HTML 292Page - Infineon Technologies AG XC2000 Datasheet HTML 293Page - Infineon Technologies AG XC2000 Datasheet HTML 294Page - Infineon Technologies AG XC2000 Datasheet HTML 295Page - Infineon Technologies AG XC2000 Datasheet HTML 296Page - Infineon Technologies AG XC2000 Datasheet HTML 297Page - Infineon Technologies AG XC2000 Datasheet HTML 298Page - Infineon Technologies AG XC2000 Datasheet HTML 299Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-29
V1.0, 2007-06
SCU, V1.1
EMSVCO
13
rh
VCOLCK Emergency Event Source Status
0
B
No VCOLCK emergency event occurred since
last clear of EMSVCO
1
B
A VCOLCK emergency event has occurred
Note: This bit is only set if EMCLKSELEN is set.
SELSTAT
15
rh
Clock Select Status
0
B
Standard clock selection (CLKSEL) is active
1
B
Emergency clock selection (EMCLKSEL) is
active
0
2, 5,
[11:7],
14
r
Reserved
Read as 0; should be written with 0.
STATCLR0
Status Clear 0 Register
ESFR (F0E0
H/70H)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
0
EMC
VCO
EMC
OSC
0
rw
w
r
Field
Bits
Type
Description
EMCOSC
12
w
EMSOSC Clear Trigger
0
B
No action
1
B
Clear bit SYSCON0.EMSOSC
EMCVCO
13
w
EMSVCO Clear Trigger
0
B
No action
1
B
Clear bit SYSCON0.EMSVCO
0
[11:0],
[15:14]
r
Reserved
Read as 0; should be written with 0.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com