Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 291 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 291 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 287Page - Infineon Technologies AG XC2000 Datasheet HTML 288Page - Infineon Technologies AG XC2000 Datasheet HTML 289Page - Infineon Technologies AG XC2000 Datasheet HTML 290Page - Infineon Technologies AG XC2000 Datasheet HTML 291Page - Infineon Technologies AG XC2000 Datasheet HTML 292Page - Infineon Technologies AG XC2000 Datasheet HTML 293Page - Infineon Technologies AG XC2000 Datasheet HTML 294Page - Infineon Technologies AG XC2000 Datasheet HTML 295Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-25
V1.0, 2007-06
SCU, V1.1
REGENSET
5w
PLL Power Regulator Enable Set
0
B
PLL power regulator is not affected
1
B
PLL is powered (operation possible)
NDIV
[13:8]
rw
N-Divider Value
The resulting factor N for the N-Divider is <NDIV>+1.
Only values between N = 16 and N = 40 are allowed.
Stable operation is not guaranteed outside of this
range.
0
15
rw
Reserved
Should be written with 0.
0
3,
[7:6],
14
r
Reserved
Read as 0; should be written with 0.
PLLCON1
PLL Configuration 1 Register
ESFR (F1BA
H/DDH)
Reset Value: 000A
H
15
14
13
12
11
10
98
76
543
210
00
PDIV
0
EMFI
NDIS
EN
EM
CLK
EN
0
AOS
CSE
L
RES
LD
OSC
SEL
PLL
PWD
rw
r
rw
r
rw
rw
r
rw
w
rw
rw
Field
Bits
Type
Description
PLLPWD
0rw
PLL Power Saving Mode
0
B
Normal Mode
1
B
Complete PLL block is inactive in power saving
mode and can not be used. Only the Bypass
Mode is active if previously selected.
OSCSEL
1rw
Clock Input Selection
0
B
PLL input clock is OSC_HP output
1
B
PLL input clock is IOSC output
RESLD
2w
Restart VCO Lock Detection
Setting bit RESLD will reset bit PLLSTAT.VCOLOCK
and restart the VCO lock detection.
Reading this bit returns always a zero.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com