Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 289 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 289 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 285Page - Infineon Technologies AG XC2000 Datasheet HTML 286Page - Infineon Technologies AG XC2000 Datasheet HTML 287Page - Infineon Technologies AG XC2000 Datasheet HTML 288Page - Infineon Technologies AG XC2000 Datasheet HTML 289Page - Infineon Technologies AG XC2000 Datasheet HTML 290Page - Infineon Technologies AG XC2000 Datasheet HTML 291Page - Infineon Technologies AG XC2000 Datasheet HTML 292Page - Infineon Technologies AG XC2000 Datasheet HTML 293Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-23
V1.0, 2007-06
SCU, V1.1
VCOLOCK
3rh
PLL VCO Lock Status
0
B
VCO not locked to target frequency. The
frequency difference of
f
P and fN is greater than
allowed.
1
B
VCO locked to target frequency. The
frequency difference of
f
P and fN is small
enough to enable a stable VCO operation.
Note: In case of a loss of VCO lock, f
VCO reaches the
upper boundary of the selected VCO band if
the reference clock input is greater than
expected. If the reference clock input is lower
than
expected,
f
VCO
reaches
the
lower
boundary of the selected VCO band.
K1RDY
7rh
K1-Divider Ready Status
0
B
A new K1DIV value has been written, but is not
used yet
1
B
The K1-Divider operates with the value defined
in PLLCON2.K1DIV
This bit is cleared on a write to PLLCON2.K1DIV.
FINDIS
9rh
Input Clock Disconnect Select Status
0
B
VCO input clock connected
1
B
VCO input clock disconnected
Note: FINDIS
can
be
set
by
setting
bit
STATCLR1.SETFINDIS.
Note: FINDIS
can
be
cleared
by
setting
bit
STATCLR1.CLRFINDIS.
VCOL0
10
rh
VCO Lock Detection Lost Status
0
B
VCO lock was not lost
1
B
VCO lock was lost
Note: VCOL0
can
be
cleared
by
setting
bit
STATCLR1.VCPL0CLR.
VCOL1
11
rh
VCO Lock Detection Reached Status
0
B
VCO lock was not acquired
1
B
VCO lock was acquired
Note: VCOL1
can
be
cleared
by
setting
bit
STATCLR1.VCOL1CLR.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com