Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 285 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 285 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 281Page - Infineon Technologies AG XC2000 Datasheet HTML 282Page - Infineon Technologies AG XC2000 Datasheet HTML 283Page - Infineon Technologies AG XC2000 Datasheet HTML 284Page - Infineon Technologies AG XC2000 Datasheet HTML 285Page - Infineon Technologies AG XC2000 Datasheet HTML 286Page - Infineon Technologies AG XC2000 Datasheet HTML 287Page - Infineon Technologies AG XC2000 Datasheet HTML 288Page - Infineon Technologies AG XC2000 Datasheet HTML 289Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-19
V1.0, 2007-06
SCU, V1.1
HPOSCCON
High Precision OSC Control RegisterESFR (F1B4
H/DAH)
Reset Value: 053C
H
15
14
13
12
11
10
98
76
543
210
0
OSC
2L0
OSC
2L1
EMFI
NDIS
EN
EM
CLK
EN
SHB
Y
X1D
EN
X1D GAINSEL
MODE
OSC
WDT
RST
PLL
V
r
rh
rh
rw
rwrw
rwrw
rh
rw
w
rh
Field
Bits
Type
Description
PLLV
0rh
Oscillator for PLL Valid Status Bit
This bit indicates whether the frequency output of
OSC_HP a limit or not. The limit is defined in the data
sheet.
This is checked by the Oscillator Watchdog of the
PLL.
0
B
The OSC_HP frequency is not usable
1
B
The OSC_HP frequency is usable
For more information see Chapter 6.1.3.3.
OSCWDTRST
1w
Oscillator Watchdog Reset
0
B
The Oscillator Watchdog of the PLL is not reset
and remains active
1
B
The Oscillator Watchdog of the PLL is reset
and restarted
MODE
[3:2]
rw
Oscillator Mode
This bit field controls the operating mode and the
power-save options.
00
B
External Crystal Mode/External Input Clock
Mode. Power-Saving Mode is not entered.
01
B
OSC_HP disabled, Power-Saving Mode is not
entered.
10
B
External Input Clock Mode, Power-Saving
Mode is entered.
11
B
OSC_HP is disabled, Power-Saving Mode is
entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com