Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 282 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 282 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 278Page - Infineon Technologies AG XC2000 Datasheet HTML 279Page - Infineon Technologies AG XC2000 Datasheet HTML 280Page - Infineon Technologies AG XC2000 Datasheet HTML 281Page - Infineon Technologies AG XC2000 Datasheet HTML 282Page - Infineon Technologies AG XC2000 Datasheet HTML 283Page - Infineon Technologies AG XC2000 Datasheet HTML 284Page - Infineon Technologies AG XC2000 Datasheet HTML 285Page - Infineon Technologies AG XC2000 Datasheet HTML 286Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-16
V1.0, 2007-06
SCU, V1.1
Figure 6-13
Clock Control Unit, EXTCLK Generation
6.1.5.1
Programmable Frequency Output
The system clock output (EXTCLK) can be replaced by the programmable frequency
output
f
OUT. This output can be controlled via software, and so can be adapted to the
requirements of the connected external circuitry. The programmability also extends the
power management to a system level, as also circuitry (peripherals, etc.) outside the
XC2000 can be influenced, i.e. run at a scalable frequency, or can temporarily be
switched off completely.
Clock
f
OUT is generated via a reload counter, such that the output frequency can be
selected in small steps.
CCU_EXTCLK.vsd
M
U
X
0000
EXTCO N.SEL
EXTCON.EN
f
OU T
0001
0010
0011
0100
0101
0110
0111
1000
1001
...
1111
'0'
to CC60
EXTCLK
Reload
Counter
f
WU
f
OSC
f
PL L
f
DIRIN
f
SYS
M
U
X
'0'
0
1
reserved
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com