Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 280 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 280 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 276Page - Infineon Technologies AG XC2000 Datasheet HTML 277Page - Infineon Technologies AG XC2000 Datasheet HTML 278Page - Infineon Technologies AG XC2000 Datasheet HTML 279Page - Infineon Technologies AG XC2000 Datasheet HTML 280Page - Infineon Technologies AG XC2000 Datasheet HTML 281Page - Infineon Technologies AG XC2000 Datasheet HTML 282Page - Infineon Technologies AG XC2000 Datasheet HTML 283Page - Infineon Technologies AG XC2000 Datasheet HTML 284Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-14
V1.0, 2007-06
SCU, V1.1
Figure 6-12
Clock Control Unit, RTCCLK Generation
6.1.4.1
Emergency Clock Operation
There are two possible scenarios which can lead to a loss of the system clock, and
therefore to a dead-lock of the system. All three scenarios are based on the same root-
cause: the system is clocked with a clock that is not longer suitable as clock source.
Oscillator Watchdog Event
For the unlikely case that the clock from the external source (or crystal) received from
OSC_HP drops below a value, for which the PLL VCO part is no longer able to generate
a stable system clock, an oscillator watchdog (OSCWDT) emergency event is
implemented.
The
mechanism
can
be
enabled / disabled
via
bit
HPOSCCON.EMCLKEN.
In case of an enabled OSCWDT event, the following actions are performed:
•
The oscillator watchdog trap flag (TRAPSTAT.OSCWDTT) is set, and a trap request
to the CPU is activated, if enabled (TRAPDIS.OSCWDTT = 0);
•
Bit HPOSCCON.PLLV is cleared;
•
Bit HPOSCCON.OSC2L1 is set;
•
Bit SYSCON0.EMSOSC is set if SYSCON0.EMCLKSELEN is set;
•
The
system
clock
is
switched
to
the
clock
source
selected
by
SYSCON0.EMCLKSEL, if enabled (SYSCON0.EMCLKSELEN = 1);
•
The PLL VCO clock input selection can be updated if HPOSCCON.EMFINDISEN is
set.
Emergency routines can be executed with the pre-configured clock. The current
occurrence
of
an
OSCWDT
emergency
event
is
indicated
by
bit
SYSCON0.EMSOSC = 1. The occurrence of a previous OSCWDT emergency event is
indicated by bit HPOSCCON.OSC2L1 = 1.
CCU_RTCCLK.vsd
f
WU
f
OSC
f
PL L
M
U
X
00
01
10
11
M
U
X
0
1
to RTC block
RTCCLKCON.
RTCCLKSEL
f
DRTC
f
SYS
RTCCLKCO N.
RTCCM
f
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com