Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 281 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 281 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 277Page - Infineon Technologies AG XC2000 Datasheet HTML 278Page - Infineon Technologies AG XC2000 Datasheet HTML 279Page - Infineon Technologies AG XC2000 Datasheet HTML 280Page - Infineon Technologies AG XC2000 Datasheet HTML 281Page - Infineon Technologies AG XC2000 Datasheet HTML 282Page - Infineon Technologies AG XC2000 Datasheet HTML 283Page - Infineon Technologies AG XC2000 Datasheet HTML 284Page - Infineon Technologies AG XC2000 Datasheet HTML 285Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-15
V1.0, 2007-06
SCU, V1.1
An OSCWDT emergency event is terminated by setting bit STATCLR0.EMCOSC. Bit
HPOSCCON.OSC2L0 = 1 indicates that an OSCWDT emergency event condition is no
longer valid.
Note: The
oscillator
watchdog
does
not
refer
to
the
start-up
process.
Bit
HPOSCCON.PLLV has to be set first before the oscillator watchdog trap
generation mechanism is activated.
PLL VCO Loss of Lock Event
For the unlikely case that the PLL VCO part is no longer able to generate a stable system
clock, a PLL VCO loss of lock (VCOLCK) emergency event is implemented. The
mechanism can be enabled / disabled via bit PLLCON1.EMCLKEN.
In case of an enabled VCOLCK event, the following actions are performed:
•
The PLL VCO loss of lock trap flag (TRAPSTAT.VCOLCKT) is set, and a trap request
to the CPU is activated, if enabled (TRAPDIS.VCOLCKT = 0);
•
Bit PLLSTAT.VCOLOCK is cleared;
•
Bit PLLSTAT.VCOL0 is set;
•
Bit SYSCON0.EMSVCO is set if SYSCON0.EMCLKSELEN is set;
•
The
system
clock
is
switched
to
the
clock
source
selected
by
SYSCON0.EMCLKSEL, if enabled (SYSCON0.EMCLKSELEN = 1);
•
The PLL VCO clock input select can be updated if PLLCON1.EMFINDISEN is set.
Emergency routines can be executed with the pre-configured clock. The current
occurrence of a VCOLCK emergency event is indicated by bit SYSCON0.EMSVCO = 1.
The occurrence of a previous VCOLCK emergency event is indicated by bit
PLLSTAT.VCOL0 = 1.
A VCOLCK emergency event is terminated by setting bit STATCLR0.EMCVCO. Bit
PLLSTAT.VCOL1 = 1 indicates that a VCOLCK emergency event condition is no longer
valid.
6.1.5
External Clock Output
An external clock output is provided via pin EXTCLK. This external clock can be
enabled/disabled via bit EXTCON.EN. Each of the six clocks which defines a clock
domain can be individually be selected to be output at pin EXTCLK. This is configured
via bit field EXTCON.SEL. Changing the content of bit field EXTCON.SEL can lead to
spikes at pin EXTCLK.
Additionally, a connection to the CAPCOM60 module is implemented, to support the
start-up control of an external crystal for the system clock generation. The first time,
before the system clock is generated based on an external crystal, one should wait for
1000 cycles of the crystal clock before the clock control system is changed to External
Crystal Mode. The 1000 cycles can be counted with CC60, using
f
OSC as count input for
the counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com