Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 278 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 278 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 274Page - Infineon Technologies AG XC2000 Datasheet HTML 275Page - Infineon Technologies AG XC2000 Datasheet HTML 276Page - Infineon Technologies AG XC2000 Datasheet HTML 277Page - Infineon Technologies AG XC2000 Datasheet HTML 278Page - Infineon Technologies AG XC2000 Datasheet HTML 279Page - Infineon Technologies AG XC2000 Datasheet HTML 280Page - Infineon Technologies AG XC2000 Datasheet HTML 281Page - Infineon Technologies AG XC2000 Datasheet HTML 282Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-12
V1.0, 2007-06
SCU, V1.1
The OSC_WDG uses the internal clock (IOSC) frequency
f
IOSC for its operation, thus, the
internal clock has to be enabled.
By setting bit HPOSCCON.OSCWDTRST, the detection can be restarted without a reset
of the complete PLL, e.g., in case of OSC loss-of-lock condition.
Note: After the OSC_WDG is reset, bit HPOSCCON.PLLV is not valid for some time
(544 *
f
OSCPLL).
6.1.3.4
PLL VCO Lock Detection
The PLL has a lock detection, which supervises the VCO part of the PLL in order to
differentiate between stable and instable VCO circuit behavior. The lock detector marks
the VCO output
f
VCO as instable, if the two inputs, fP and fR, differ too much. Changes in
one or both input frequencies below a certain deviation are not marked as a loss of lock,
since the VCO can handle such small changes without any problem for the system.
6.1.3.5
Internal Clock (OSC_PLL)
The PLL internal clock can be used for two different applications:
Operating the OSC_WDG
With this option, the input frequency for the PLL, either from OSC_HP or from XTAL1, is
supervised with OSC_PLL. For more information, please see Chapter 6.1.3.3.
Providing an input clock to the PLL
In case no external clock input is used via XTAL1, the clock frequency
f
IOSC of the internal
PLL clock, IOSC, can be used as input clock for all PLL modes. This is controlled and
configured via PLLCON1.OSCSEL.
6.1.3.6
Switching PLL Parameters
The following restrictions apply when changing PLL parameters via the PLLCON0
through PLLCON3 registers:
•
The VCO bypass switch may be used at any time, however, it has to be ensured that
the maximum operating frequency of the device (see data sheet) will not be
exceeded.
•
Before switching NDIV and PDIV, the Prescaler Mode has to be selected.
•
Before deselecting the Prescaler Mode, the RESLD bit has to be set and then the
VCOLOCK flag has to be checked. Only when the VCOLOCK flag is set again, the
Prescaler Mode may be deselected.
•
Before changing VCOSEL, the Prescaler Mode must be selected.
Note: PDIV and NDIV can also be switched in Normal Mode. When changing NDIV, it
must be regarded that the VCO clock
f
VCO may exceed the target frequency until



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com