Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 150 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 150 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 146Page - Infineon Technologies AG XC2000 Datasheet HTML 147Page - Infineon Technologies AG XC2000 Datasheet HTML 148Page - Infineon Technologies AG XC2000 Datasheet HTML 149Page - Infineon Technologies AG XC2000 Datasheet HTML 150Page - Infineon Technologies AG XC2000 Datasheet HTML 151Page - Infineon Technologies AG XC2000 Datasheet HTML 152Page - Infineon Technologies AG XC2000 Datasheet HTML 153Page - Infineon Technologies AG XC2000 Datasheet HTML 154Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-6
V1.0, 2007-06
CPUSV2_X, V2.2
Figure 4-2
IFU Block Diagram
On the Fetch Stage, the prefetched instructions are stored in the instruction FIFO. The
Branch Folding Unit (BFU) allows processing of branch instructions in parallel with
preceding instructions. To achieve this the BFU preprocesses and reformats the branch
instruction. First, the BFU defines (calculates) the absolute target address. This address
— after being combined with branch condition and branch attribute bits — is stored in
the same FIFO step as the preceding instruction. The target address is also used to
prefetch the next instructions.
For the Processing Pipeline, both instructions are fetched from the FIFO again and are
executed in parallel. If the instruction flow was predicted incorrectly (or FIFO is empty),
the two stages of the IFU can be bypassed.
Note: Pipeline behavior in case of a incorrectly predicted instruction flow is described in
the following sections.
MCA05501
Branch Detection and Prediction Logic
64-bit
Data
Instruction Buffer (up to 3 Instr.)
Instruction
FIFO
Branch Folding
Unit
Prefetch
Stage
Fetch
Stage
Decode
Stage
Instruction Buffer (up to 1 Instr.)
Injection and Exception
Handler
TFR
VECSEG
Control Registers
CPUCON2
Return Stack
CPUCON1
24-bit
Address
IFU Control
IFU Pipeline
CSP
IP
+/-
Instruction Buffer (up to 6 Instr.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com