| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 153 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 153 Page - Infineon Technologies AG |
|
153 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Central Processing Unit (CPU) Preliminary User’s Manual 4-9 V1.0, 2007-06 CPUSV2_X, V2.2 Figure 4-3 Program Memory Section for Correctly Predicted Flow 4.2.3 Incorrectly Predicted Instruction Flow If the CPU detects that the IFU made an incorrect prediction of the instruction flow, then the pipeline stages and the Instruction FIFO containing the wrong prefetched instructions are canceled. The entire instruction fetch is restarted at the correct point of the program. Table 4-3 shows the restarted execution of instructions, assuming a 0-waitstate program memory. Figure 4-4 shows the corresponding program memory section. During the cycle T n, the CPU detects an incorrectly prediction case which leads to a canceling of the pipeline. The new address is transferred to the PMU in T n+1 which delivers the first data in the next cycle T n+2. But, the target instruction crosses the 64-bit memory boundary and a second fetch in T n+3 is required to get the entire 32-bit instruction. In T n+4, the Prefetch Buffer contains two 32-bit instructions while the first instruction I m is directly forwarded to the Decode stage. The prefetcher is now restarted and prefetches further instructions. In T n+5, the instruction I m+1 is forwarded from the Fetch Instruction Buffer directly to the Decode stage as well. The Fetch row shows all instructions in the Fetch Instruction Buffer and the instructions fetched from the Instruction FIFO. The instruction I m+3 is the first instruction fetched from the FIFO during T n+6. During the same cycle, instruction Im+2 was still forwarded from the Fetch Instruction Buffer to the Decode stage. MCA04918 I n+21 I n+21 I n+20 I n+20 I n+19 I n+18 I n+17 I n+16 I n+16 I n+15 I n+15 I n+14 I n+14 I n+13 I n+12 I n+12 I n+11 I n+11 I n+10 I n+10 I n+9 I n+8 I n+7 I n+6 I a+40 I a+32 I a+24 I a+16 I a+8 I a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |