Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 181 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 181 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 177Page - Infineon Technologies AG XC2000 Datasheet HTML 178Page - Infineon Technologies AG XC2000 Datasheet HTML 179Page - Infineon Technologies AG XC2000 Datasheet HTML 180Page - Infineon Technologies AG XC2000 Datasheet HTML 181Page - Infineon Technologies AG XC2000 Datasheet HTML 182Page - Infineon Technologies AG XC2000 Datasheet HTML 183Page - Infineon Technologies AG XC2000 Datasheet HTML 184Page - Infineon Technologies AG XC2000 Datasheet HTML 185Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-37
V1.0, 2007-06
CPUSV2_X, V2.2
4.6
Code Addressing
The XC2000 provides a total addressable memory space of 16 Mbytes. This address
space is arranged as 256 segments of 64 Kbytes each. A dedicated 24-bit code address
pointer is used to access the memories for instruction fetches. This pointer has two parts:
an 8-bit code segment pointer CSP and a 16-bit offset pointer called Instruction Pointer
(IP). The concatenation of the CSP and IP results directly in a correct 24-bit physical
memory address.
Figure 4-12
Addressing via the Code Segment and Instruction Pointer
tbd RAS
The Code Segment Pointer CSP selects the code segment being used at run-time to
access instructions. The lower 8 bits of register CSP select one of up 256 segments of
64 Kbytes each, while the higher 8 bits are reserved for future use. The reset value is
specified by the contents of the VECSEG register (Section 5.3).
Note: Register CSP can only be read but cannot be written by data operations.
In segmented memory mode (default after reset), register CSP is modified either
directly by JMPS and CALLS instructions, or indirectly via the stack by RETS and RETI
instructions.
In non-segmented memory mode (selected by setting bit SGTDIS in register
CPUCON1), CSP is fixed to the segment of the instruction that disabled segmentation.
Modification by inter-segment CALLs or RETurns is no longer possible.
MCA04920
15
23
0
Memory organized
in segments
255
254
1
0
FF'0000
H
FE'0000
H
01'0000
H
00'0000
H
16
15
0
IP
15
0
CSP
7
8
Segment
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com