Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 182 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 182 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 178Page - Infineon Technologies AG XC2000 Datasheet HTML 179Page - Infineon Technologies AG XC2000 Datasheet HTML 180Page - Infineon Technologies AG XC2000 Datasheet HTML 181Page - Infineon Technologies AG XC2000 Datasheet HTML 182Page - Infineon Technologies AG XC2000 Datasheet HTML 183Page - Infineon Technologies AG XC2000 Datasheet HTML 184Page - Infineon Technologies AG XC2000 Datasheet HTML 185Page - Infineon Technologies AG XC2000 Datasheet HTML 186Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-38
V1.0, 2007-06
CPUSV2_X, V2.2
For processing an accepted interrupt or a TRAP, register CSP is automatically loaded
with the segment of the vector table (defined in register VECSEG).
Note: For the correct execution of interrupt tasks in non-segmented memory mode, the
contents of VECSEG must select the same segment as the current value of CSP,
i.e. the vector table must be located in the segment pointed to by the CSP.
Note: After a reset, register CSP is automatically loaded from register VECSEG.
The Instruction Pointer IP determines the 16-bit intra-segment address of the currently
fetched instruction within the code segment selected by the CSP register. Register IP is
not mapped into the XC2000’s address space; thus, it is not directly accessible by the
programmer. However, the IP can be modified indirectly via the stack by means of a
return instruction. IP is implicitly updated by the CPU for branch instructions and after
instruction fetch operations.
CSP
Code Segment Pointer
SFR (FE08
H/04H)
Reset Value: xxxx
H
15
14
13
12
11
10
98
76
543
210
--
---
---
SEGNR
-
-
-
-
-
-
-
-
rh
Field
Bits
Type
Description
SEGNR
[7:0]
rh
Specifies the code segment from which the current
instruction is to be fetched.
IP
Instruction Pointer
- - - (- - - -/- -)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
ip
0
(r)(w)h
r
Field
Bits
Type
Description
ip
[15:1]
h
Specifies the intra segment offset from which the
current instruction is to be fetched. IP refers to the
current segment <SEGNR>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com