Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 201 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 201 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 197Page - Infineon Technologies AG XC2000 Datasheet HTML 198Page - Infineon Technologies AG XC2000 Datasheet HTML 199Page - Infineon Technologies AG XC2000 Datasheet HTML 200Page - Infineon Technologies AG XC2000 Datasheet HTML 201Page - Infineon Technologies AG XC2000 Datasheet HTML 202Page - Infineon Technologies AG XC2000 Datasheet HTML 203Page - Infineon Technologies AG XC2000 Datasheet HTML 204Page - Infineon Technologies AG XC2000 Datasheet HTML 205Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-57
V1.0, 2007-06
CPUSV2_X, V2.2
ALU/MAC Status (N, C, V, Z, E, USR0, USR1)
The condition flags (N, C, V, Z, E) within the PSW indicate the ALU status after the most
recently performed ALU operation. They are set by most of the instructions according to
specific rules which depend on the ALU or data movement operation performed by an
instruction.
After execution of an instruction which explicitly updates the PSW register, the condition
flags cannot be interpreted as described below because any explicit write to the PSW
register supersedes the condition flag values which are implicitly generated by the CPU.
Explicitly reading the PSW register supplies a read value which represents the state of
the PSW register after execution of the immediately preceding instruction.
Note: After reset, all of the ALU status bits are cleared.
N-Flag: For most of the ALU operations, the N-flag is set to 1, if the most significant bit
of the result contains a 1; otherwise, it is cleared. In the case of integer operations, the
N-flag can be interpreted as the sign bit of the result (negative: N = 1, positive: N = 0).
USR1
7rwh
General Purpose Flag
May be used by application
USR0
6rwh
General Purpose Flag
May be used by application
MULIP
5r
Multiplication/Division in Progress
Note: Always set to 0 (MUL/DIV not interruptible),
for compatibility with existing software.
E
4rwh
End of Table Flag
0
Source operand is neither 8000H nor 80H
1
Source operand is 8000H or 80H
Z
3rwh
Zero Flag
0
ALU result is not zero
1
ALU result is zero
V
2rwh
Overflow Flag
0
No Overflow produced
1
Overflow produced
C
1rwh
Carry Flag
0
No carry/borrow bit produced
1
Carry/borrow bit produced
N
0rwh
Negative Result
0
ALU result is not negative
1
ALU result is negative
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com