Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 200 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 200 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 196Page - Infineon Technologies AG XC2000 Datasheet HTML 197Page - Infineon Technologies AG XC2000 Datasheet HTML 198Page - Infineon Technologies AG XC2000 Datasheet HTML 199Page - Infineon Technologies AG XC2000 Datasheet HTML 200Page - Infineon Technologies AG XC2000 Datasheet HTML 201Page - Infineon Technologies AG XC2000 Datasheet HTML 202Page - Infineon Technologies AG XC2000 Datasheet HTML 203Page - Infineon Technologies AG XC2000 Datasheet HTML 204Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-56
V1.0, 2007-06
CPUSV2_X, V2.2
4.8
Standard Data Processing
All standard arithmetic, shift-, and logical operations are performed in the 16-bit ALU. In
addition to the standard functions, the ALU of the XC2000 includes a bit-manipulation
unit and a multiply and divide unit. Most internal execution blocks have been optimized
to perform operations on either 8-bit or 16-bit numbers. After the pipeline has been filled,
most instructions are completed in one CPU cycle. The status flags are automatically
updated in register PSW after each ALU operation and reflect the current state of the
microcontroller. These flags allow branching upon specific conditions. Support of both
signed and unsigned arithmetic is provided by the user selectable branch test. The
status flags are also preserved automatically by the CPU upon entry into an interrupt or
trap routine. Another group of bits represents the current CPU interrupt status. Two
separate bits (USR0 and USR1) are provided as general purpose flags.
PSW
Processor Status Word
SFR
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
ILVL
IEN
HLD
EN
BANK
USR
1
USR
0
MUL
IP
EZ
V
C
N
rwh
rw
rw
rwh
rwh
rwh
r
rwh
rwh
rwh
rwh
rwh
Field
Bits
Type
Description
ILVL
[15:12] rwh
CPU Priority Level
0H
Lowest Priority
……
FH
Highest Priority
IEN
11
rw
Global Interrupt/PEC Enable Bit
0
Interrupt/PEC requests are disabled
1
Interrupt/PEC requests are enabled
HLDEN
10
rw
Hold Enable
0
External bus arbitration disabled
1
External bus arbitration enabled
Note: The selected arbitration mode is activated
when HLDEN is set for the first time.
BANK
[9:8]
rwh
Reserved for Register File Bank Selection
00
Global register bank
01
Reserved
10
Local register bank 1
11
Local register bank 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com