Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 196 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 196 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 192Page - Infineon Technologies AG XC2000 Datasheet HTML 193Page - Infineon Technologies AG XC2000 Datasheet HTML 194Page - Infineon Technologies AG XC2000 Datasheet HTML 195Page - Infineon Technologies AG XC2000 Datasheet HTML 196Page - Infineon Technologies AG XC2000 Datasheet HTML 197Page - Infineon Technologies AG XC2000 Datasheet HTML 198Page - Infineon Technologies AG XC2000 Datasheet HTML 199Page - Infineon Technologies AG XC2000 Datasheet HTML 200Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-52
V1.0, 2007-06
CPUSV2_X, V2.2
4.7.5
The System Stack
The XC2000 supports a system stack of up to 64 Kbytes. The stack can be located
internally in one of the on-chip memories or externally. The 16-bit Stack Pointer register
(SP) addresses the stack within a 64-Kbyte segment selected by the Stack Pointer
Segment register (SPSG). A virtual stack (usually bigger than 64 Kbytes) can be
implemented by software. This mechanism is supported by the Stack Overflow register
STKOV and the Stack Underflow register STKUN (see descriptions below).
4.7.5.1
The Stack Pointer Registers SP and SPSEG
Register SPSEG (not bitaddressable) selects the segment being used at run-time to
access the system stack. The lower eight bits of register SPSEG select one of up
256 segments of 64 Kbytes each, while the higher 8 bits are reserved for future use.
The Stack Pointer SP (not bitaddressable) points to the top of the system stack (TOS).
SP is pre-decremented whenever data is pushed onto the stack, and it is post-
incremented whenever data is popped from the stack. Therefore, the system stack
grows from higher towards lower memory locations.
System stack addresses are generated by directly extending the 16-bit contents of
register SP by the contents of register SPSG, as shown in Figure 4-17.
The system stack cannot cross a 64-Kbyte segment boundary.
Figure 4-17
Addressing via the Stack Pointer
15
MCA04929
23
0
Stack Pointer
Segment
255
254
1
0
FF'0000
H
FE'0000
H
01'0000
H
00'0000
H
16
15
0
SP
15
0
SPSEGNR
7
SPSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com