Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 194 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 194 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 190Page - Infineon Technologies AG XC2000 Datasheet HTML 191Page - Infineon Technologies AG XC2000 Datasheet HTML 192Page - Infineon Technologies AG XC2000 Datasheet HTML 193Page - Infineon Technologies AG XC2000 Datasheet HTML 194Page - Infineon Technologies AG XC2000 Datasheet HTML 195Page - Infineon Technologies AG XC2000 Datasheet HTML 196Page - Infineon Technologies AG XC2000 Datasheet HTML 197Page - Infineon Technologies AG XC2000 Datasheet HTML 198Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-50
V1.0, 2007-06
CPUSV2_X, V2.2
The CoREG Addressing Mode
The CoSTORE instruction utilizes the special CoREG addressing mode for immediate
storage of the MAC-Unit register after a MAC operation. The address of the MAC-Unit
register is coded in the CoSTORE instruction format as described in Table 4-23:
The example in Figure 4-16 shows the complex operation of CoXXXM instructions with
a parallel move operation based on the descriptions about addressing modes given in
Section 4.7.3 (Indirect Addressing Modes) and Section 4.7.4 (DSP Addressing
Modes).
Table 4-23
Coding of the CoREG Addressing Mode
Mnemonic
Register
Coding of wwww:w bits [31:27]
MSW
MAC-Unit Status Word
00000
MAH
MAC-Unit Accumulator High Word
00001
MAS
Limited MAC-Unit Accumulator High
Word
00010
MAL
MAC-Unit Accumulator Low Word
00100
MCW
MAC-Unit Control Word
00101
MRW
MAC-Unit Repeat Word
00110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com