Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 191 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 191 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 187Page - Infineon Technologies AG XC2000 Datasheet HTML 188Page - Infineon Technologies AG XC2000 Datasheet HTML 189Page - Infineon Technologies AG XC2000 Datasheet HTML 190Page - Infineon Technologies AG XC2000 Datasheet HTML 191Page - Infineon Technologies AG XC2000 Datasheet HTML 192Page - Infineon Technologies AG XC2000 Datasheet HTML 193Page - Infineon Technologies AG XC2000 Datasheet HTML 194Page - Infineon Technologies AG XC2000 Datasheet HTML 195Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-47
V1.0, 2007-06
CPUSV2_X, V2.2
There are indirect addressing modes which allow parallel data move operations before
the long 16-bit address is calculated (see Figure 4-16 for an example). Other indirect
addressing modes allow decrementing or incrementing the indirect address pointers
(IDXx contents) by 2 or by the contents of the offset registers QX0 and QX1 (used in
conjunction with the IDX pointers).
Note: During the initialization of the QX registers, instruction flow stalls are possible. For
the proper operation, refer to Section 4.3.4.
QX0
Offset Register
ESFR (F000
H/00H)
Reset Value: 0000
H
QX1
Offset Register
ESFR (F002
H/01H)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
qx
0
rw
r
Field
Bits
Type
Description
qx
[15:1]
rw
Modifiable Portion of Register QXx
Specifies the 16-bit word offset for indirect
addressing modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com