Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 187 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 187 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 183Page - Infineon Technologies AG XC2000 Datasheet HTML 184Page - Infineon Technologies AG XC2000 Datasheet HTML 185Page - Infineon Technologies AG XC2000 Datasheet HTML 186Page - Infineon Technologies AG XC2000 Datasheet HTML 187Page - Infineon Technologies AG XC2000 Datasheet HTML 188Page - Infineon Technologies AG XC2000 Datasheet HTML 189Page - Infineon Technologies AG XC2000 Datasheet HTML 190Page - Infineon Technologies AG XC2000 Datasheet HTML 191Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-43
V1.0, 2007-06
CPUSV2_X, V2.2
Note: Due to the internal instruction pipeline, a write operation to the DPPx registers
could stall the instruction flow until the DPP is actually updated. The instruction
that immediately follows the instruction which updates the DPP register can use
the new value of the changed DPPx.
Figure 4-14
Overriding the DPP Mechanism
Note: The overriding page or segment may be specified as a constant (#pag, #seg) or
via a word GPR (Rw).
Table 4-18
Long Addressing Modes
Mnemonic
Base Address
1)
1) Represents either a 10-bit data page number to be concatenated with a 14-bit offset, or an 8-bit segment
number to be concatenated with a 16-bit offset.
Offset
Scope of Access
mem
(DPPx)
mem
∧ 3FFF
H
Any Word or Byte
mem
pag
mem
∧ 3FFF
H
Any Word or Byte
mem
seg
mem
Any Word or Byte
MCA04925
15 14 13
14-Bit Page Offset
16-Bit Segment Offset
#pag
#seg
0
15
0
24-Bit Physical Address
24-Bit Physical Address
16-Bit Long Address
16-Bit Long Address
EXTS(R):
EXTP(R):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com