Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 188 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 188 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 184Page - Infineon Technologies AG XC2000 Datasheet HTML 185Page - Infineon Technologies AG XC2000 Datasheet HTML 186Page - Infineon Technologies AG XC2000 Datasheet HTML 187Page - Infineon Technologies AG XC2000 Datasheet HTML 188Page - Infineon Technologies AG XC2000 Datasheet HTML 189Page - Infineon Technologies AG XC2000 Datasheet HTML 190Page - Infineon Technologies AG XC2000 Datasheet HTML 191Page - Infineon Technologies AG XC2000 Datasheet HTML 192Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-44
V1.0, 2007-06
CPUSV2_X, V2.2
4.7.3
Indirect Addressing Modes
Indirect addressing modes can be considered as a combination of short and long
addressing modes. This means that the “long” 16-bit pointer is provided indirectly by the
contents of a word GPR which itself is specified directly by a short 4-bit address
(‘Rw’ = 0 … 15).
There are indirect addressing modes, which add a constant value to the GPR contents
before the long 16-bit address is calculated. Other indirect addressing modes can
decrement or increment the indirect address pointers (GPR contents) by 2 or 1 (referring
to words or bytes) or by the contents of the offset registers QR0 or QR1.
Note: Some instructions only use the lowest four word GPRs (R3 … R0) as indirect
address pointers, which are specified via short 2-bit addresses in that case.
The following indirect addressing modes are provided:
Table 4-19
Generating Physical Addresses from Indirect Pointers
Step Executed Action
Calculation
Notes
1
Calculate the address of the
indirect pointer (word GPR)
from its short address
GPR Address =
2
× Short Addr.
[+ (CP)]
see Table 4-17
2
Pre-decrement indirect
pointer (‘-Rw’) depending
on datatype (
∆ = 1 or 2 for
byte or word operations)
(GPR Address) =
(GPR Address)
-
∆
Optional step, executed only if
required by addressing mode
3
Adjust the pointer by a
constant value
(‘Rw + const16’)
Pointer =
(GPR Address)
+Constant
Optional step, executed only if
required by addressing mode
4
Calculate the physical 24-bit
address using the resulting
pointer
Physical Addr. =
Page/Segment +
Pointer offset
Uses DPPs or page/segment
override mechanisms,
see Table 4-18
5
Post-in/decrement indirect
pointer (‘Rw
±’) depending
on datatype (
∆ = 1 or 2 for
byte or word operations), or
depending on offset
registers (
∆ = QRx)1)
1) Post-decrement and QRx-based modification is provided only for CoXXX instructions.
(GPR Address) =
(GPR Address)
±∆
Optional step, executed only if
required by addressing mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com