Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 192 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 192 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 188Page - Infineon Technologies AG XC2000 Datasheet HTML 189Page - Infineon Technologies AG XC2000 Datasheet HTML 190Page - Infineon Technologies AG XC2000 Datasheet HTML 191Page - Infineon Technologies AG XC2000 Datasheet HTML 192Page - Infineon Technologies AG XC2000 Datasheet HTML 193Page - Infineon Technologies AG XC2000 Datasheet HTML 194Page - Infineon Technologies AG XC2000 Datasheet HTML 195Page - Infineon Technologies AG XC2000 Datasheet HTML 196Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-48
V1.0, 2007-06
CPUSV2_X, V2.2
Figure 4-15
Arithmetic MAC Operations and Addressing via the IDX Pointers
Table 4-21
Generating Physical Addresses from Indirect Pointers (IDXx)
Step Executed Action
Calculation
Notes
1
Determine the used IDXx
pointer
---
–
2
Calculate an intermediate
long address for the parallel
data move operation and
in/decrement indirect
pointer (‘IDXx
±’) by 2
(
∆ = 2), or depending on
offset registers (
∆ = QXx)
Interm. Addr. =
(IDXx Address)
±∆
Optional step, executed only if
required by instruction
CoXXXM and addressing
mode
3
Calculate long 16-bit
address
Long Address =
(IDXx Pointer)
–
4
Calculate the physical 24-bit
address using the resulting
pointer
Physical Addr. =
Page/Segment +
Pointer offset
Uses DPPs or page/segment
override mechanisms, see
Table 4-18 and Figure 4-15
5
Post-in/decrement indirect
pointer (‘IDXx
±’) by 2
(
∆ = 2), or depending on
offset registers (
∆ = QXx)
(IDXx Pointer) =
(IDXx Pointer)
±∆
Optional step, executed only if
required by addressing mode
0
23
0
2
MCA04926
16-Bit IDX Pointer
15
12
Memory
02'0000
H
11
11
01'0000
H
00'0000
H
DPRAM in Data Page 3
1
0
1
01
1
1
0
0
0
0
0
0
15
12
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com