Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 209 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 209 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 205Page - Infineon Technologies AG XC2000 Datasheet HTML 206Page - Infineon Technologies AG XC2000 Datasheet HTML 207Page - Infineon Technologies AG XC2000 Datasheet HTML 208Page - Infineon Technologies AG XC2000 Datasheet HTML 209Page - Infineon Technologies AG XC2000 Datasheet HTML 210Page - Infineon Technologies AG XC2000 Datasheet HTML 211Page - Infineon Technologies AG XC2000 Datasheet HTML 212Page - Infineon Technologies AG XC2000 Datasheet HTML 213Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-65
V1.0, 2007-06
CPUSV2_X, V2.2
4.9.1
MAC Unit Control
The working register of the MAC unit is a dedicated 40-bit accumulator register. A set of
consistent flags is automatically updated in status register MSW after each MAC
operation. These flags allow branching on specific conditions. Unlike the PSW flags,
these flags are not preserved automatically by the CPU upon entry into an interrupt or
trap routine. All dedicated MAC registers must be saved on the stack if the MAC unit is
shared between different tasks and interrupts. General properties of the MAC unit are
selected via the MAC control word MCW.
4.9.2
Representation of Numbers and Rounding
The XC2000 supports the 2’s complement representation of binary numbers. In this
format, the sign bit is the MSB of the binary word. This is set to zero for positive numbers
and set to one for negative numbers. Unsigned numbers are supported only by
multiply/multiply-accumulate instructions which specify whether each operand is signed
or unsigned.
In 2’s complement fractional format, the N-bit operand is represented using the 1.[N-1]
format (1 signed bit, N-1 fractional bits). Such a format can represent numbers between
-1 and +1 - 2
-[N-1]. This format is supported when bit MP of register MCW is set.
The XC2000 implements 2’s complement rounding. With this rounding type, one is
added to the bit to the right of the rounding point (bit 15 of MAL), before truncation (MAL
is cleared).
MCW
MAC Control Word
SFR (FFDC
H/EEH)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
---
--
MP
MS
----
---
--
---
--
rw
rw
----
---
--
Field
Bits
Type
Description
MP
10
rw
One-Bit Scaler Control
0
Multiplier product shift disabled
1
Multiplier product shift enabled for signed
multiplications
MS
9rw
Saturation Control
0
Saturation disabled
1
Saturation to 32-bit value enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com