Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 210 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 210 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 206Page - Infineon Technologies AG XC2000 Datasheet HTML 207Page - Infineon Technologies AG XC2000 Datasheet HTML 208Page - Infineon Technologies AG XC2000 Datasheet HTML 209Page - Infineon Technologies AG XC2000 Datasheet HTML 210Page - Infineon Technologies AG XC2000 Datasheet HTML 211Page - Infineon Technologies AG XC2000 Datasheet HTML 212Page - Infineon Technologies AG XC2000 Datasheet HTML 213Page - Infineon Technologies AG XC2000 Datasheet HTML 214Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-66
V1.0, 2007-06
CPUSV2_X, V2.2
4.9.3
The 16-bit by 16-bit Signed/Unsigned Multiplier and Scaler
The multiplier executes 16-bit by 16-bit parallel signed/unsigned fractional and integer
multiplication in one CPU-cycle. The multiplier allows the multiplication of unsigned and
signed operands. The result is always presented in a signed fractional or integer format.
The result of the multiplication feeds a one-bit scaler to allow compensation for the extra
sign bit gained in multiplying two 16-bit 2’s complement numbers.
4.9.4
Concatenation Unit
The concatenation unit enables the MAC unit to perform 32-bit arithmetic operations in
one CPU cycle. The concatenation unit concatenates two 16-bit operands to a 32-bit
operand before the 32-bit arithmetic operation is executed in the 40-bit adder/subtracter.
The second required operand is always the current accumulator contents. The
concatenation unit is also used to pre-load the accumulator with a 32-bit value.
4.9.5
One-bit Scaler
The one-bit scaler can shift the result of the concatenation unit or the output of the
multiplier one bit to the left. The scaler is controlled by the executed instruction for the
concatenation or by control bit MP in register MCW.
If bit MP is set the product is shifted one bit to the left to compensate for the extra sign
bit gained in multiplying two 16-bit 2’s-complement numbers. The enabled automatic
shift is performed only if both input operands are signed.
4.9.6
The 40-bit Adder/Subtracter
The
40-bit
Adder/Subtracter
allows
intermediate
overflows
in
a
series
of
multiply/accumulate operations. The Adder/Subtracter has two input ports. The 40-bit
port is the feedback of the accumulator output through the ACCU-Shifter to the
Adder/Subtracter. The 32-bit port is the input port for the operand coming from the one-
bit Scaler. The 32-bit operands are signed and extended to 40 bits before the
addition/subtraction is performed.
The output of the Adder/Subtracter goes to the accumulator. It is also possible to round
the result and to saturate it on a 32-bit value automatically after every accumulation. The
round operation is performed by adding 00’0000’8000
H
to the result. Automatic
saturation is enabled by setting the saturation control bit MS in register MCW.
When the accumulator is in the overflow saturation mode and an overflow occurs, the
accumulator is loaded with either the most positive or the most negative value
representable in a 32-bit value, depending on the direction of the overflow as well as on
the arithmetic used. The value of the accumulator upon saturation is either
00’7FFF’FFFF
H (positive) or FF’8000’0000H (negative).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com