Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 214 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 214 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 210Page - Infineon Technologies AG XC2000 Datasheet HTML 211Page - Infineon Technologies AG XC2000 Datasheet HTML 212Page - Infineon Technologies AG XC2000 Datasheet HTML 213Page - Infineon Technologies AG XC2000 Datasheet HTML 214Page - Infineon Technologies AG XC2000 Datasheet HTML 215Page - Infineon Technologies AG XC2000 Datasheet HTML 216Page - Infineon Technologies AG XC2000 Datasheet HTML 217Page - Infineon Technologies AG XC2000 Datasheet HTML 218Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-70
V1.0, 2007-06
CPUSV2_X, V2.2
4.9.10
The MAC Unit Status Word MSW
The upper byte of register MSW (bit-addressable) shows the current status of the MAC
Unit. The lower byte of register MSW represents the 8-bit MAC accumulator extension,
building the 40-bit accumulator together with registers MAH and MAL.
MSW
MAC Status Word
SFR (FFDE
H/EFH)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
-MV MSL ME MSV MC
MZ
MN
MAE
-
rwh
rwh
rwh
rwh
rwh
rwh
rwh
rwh
Field
Bits
Type
Description
MV
14
rwh
Overflow Flag
0
No Overflow produced
1
Overflow produced
MSL
13
rwh
Sticky Limit Flag
0
Result was not saturated
1
Result was saturated
ME
12
rwh
MAC Extension Flag
0
MAE does not contain significant bits
1
MAE contains significant bits
MSV
11
rwh
Sticky Overflow Flag
0
No Overflow occurred
1
Overflow occurred
MC
10
rwh
Carry Flag
0
No carry/borrow produced
1
Carry/borrow produced
MZ
9rwh
Zero Flag
0
MAC result is not zero
1
MAC result is zero
MN
8rwh
Negative Result
0
MAC result is positive
1
MAC result is negative
MAE
[7:0]
rwh
MAC Accumulator Extension
The most significant bits of the 40-bit accumulator,
completing registers MAH and MAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com