Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 218 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 218 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 214Page - Infineon Technologies AG XC2000 Datasheet HTML 215Page - Infineon Technologies AG XC2000 Datasheet HTML 216Page - Infineon Technologies AG XC2000 Datasheet HTML 217Page - Infineon Technologies AG XC2000 Datasheet HTML 218Page - Infineon Technologies AG XC2000 Datasheet HTML 219Page - Infineon Technologies AG XC2000 Datasheet HTML 220Page - Infineon Technologies AG XC2000 Datasheet HTML 221Page - Infineon Technologies AG XC2000 Datasheet HTML 222Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-74
V1.0, 2007-06
CPUSV2_X, V2.2
4.10
Constant Registers
All bits of these bit-addressable registers are fixed to 0 or 1 by hardware. These registers
can be read only. Register ZEROS/ONES can be used as a register-addressable
constant of all zeros or all ones, for example for bit manipulation or mask generation. The
constant registers can be accessed via any instruction capable of addressing an SFR.
ZEROS
Zeros Register
SFR (FF1C
H/8EH)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
00
000
000
00
000
000
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
Field
Bits
Type Description
0
[15:0]
r
Constant Zero Bit
ONES
Ones Register
SFR (FF1E
H/8FH)
Reset Value: FFFF
H
15
14
13
12
11
10
98
76
543
210
11
111
111
11
111
111
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
Field
Bits
Type Description
1
[15:0]
r
Constant One Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com