Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 219 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 219 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 215Page - Infineon Technologies AG XC2000 Datasheet HTML 216Page - Infineon Technologies AG XC2000 Datasheet HTML 217Page - Infineon Technologies AG XC2000 Datasheet HTML 218Page - Infineon Technologies AG XC2000 Datasheet HTML 219Page - Infineon Technologies AG XC2000 Datasheet HTML 220Page - Infineon Technologies AG XC2000 Datasheet HTML 221Page - Infineon Technologies AG XC2000 Datasheet HTML 222Page - Infineon Technologies AG XC2000 Datasheet HTML 223Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-1
V1.0, 2007-06
ICU_X2K, V2.2
5
Interrupt and Trap Functions
The architecture of the XC2000 supports several mechanisms for fast and flexible
response to service requests from various sources internal or external to the
microcontroller. Different kinds of exceptions are handled in a similar way:
•
Interrupts generated by the Interrupt Controller (ITC)
•
DMA transfers issued by the Peripheral Event Controller (PEC)
•
Traps caused by the TRAP instruction or issued by faults or specific system states
Normal Interrupt Processing
The CPU temporarily suspends current program execution and branches to an interrupt
service routine to service an interrupt requesting device. The current program status (IP,
PSW, also CSP in segmentation mode) is saved on the internal system stack. A
prioritization scheme with 16 priority levels allows the user to specify the order in which
multiple interrupt requests are to be handled.
Interrupt Processing via the Peripheral Event Controller (PEC)
A faster alternative to normal software controlled interrupt processing is servicing an
interrupt requesting device with the XC2000’s integrated Peripheral Event Controller
(PEC). Triggered by an interrupt request, the PEC performs a single word or byte data
transfer between any two locations through one of eight programmable PEC Service
Channels. During a PEC transfer, normal program execution of the CPU is halted. No
internal program status information needs to be saved. The same prioritization scheme
is used for PEC service as for normal interrupt processing.
Trap Functions
Trap functions are activated in response to special conditions that occur during the
execution of instructions. A trap can also be caused externally via the External Service
Request pins, ESRx. Several hardware trap functions are provided to handle erroneous
conditions and exceptions arising during instruction execution. Hardware traps always
have highest priority and cause immediate system reaction. The software trap function
is invoked by the TRAP instruction that generates a software interrupt for a specified
interrupt vector. For all types of traps, the current program status is saved on the system
stack.
External Interrupt Processing
Although the XC2000 does not provide dedicated interrupt pins, it allows connection of
external interrupt sources and provides several mechanisms to react to external events
including standard inputs, non-maskable interrupts, and fast external interrupts. Except
for the non-maskable interrupt and the reset input, these interrupt functions are alternate
port functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com