Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 216 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 216 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 212Page - Infineon Technologies AG XC2000 Datasheet HTML 213Page - Infineon Technologies AG XC2000 Datasheet HTML 214Page - Infineon Technologies AG XC2000 Datasheet HTML 215Page - Infineon Technologies AG XC2000 Datasheet HTML 216Page - Infineon Technologies AG XC2000 Datasheet HTML 217Page - Infineon Technologies AG XC2000 Datasheet HTML 218Page - Infineon Technologies AG XC2000 Datasheet HTML 219Page - Infineon Technologies AG XC2000 Datasheet HTML 220Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-72
V1.0, 2007-06
CPUSV2_X, V2.2
MSL-Flag: The MSL-flag is set if an automatic saturation of the accumulator has
happened. The automatic saturation is enabled if bit MS in register MCW is set. The
MSL-Flag can be also set by instructions which limit the contents of the accumulator. If
the accumulator has been limited, the MSL-Flag is set.
The MSL-Flag is a ‘Sticky Bit’. Once set, it cannot be affected by the other MAC
operations. Only a direct write operation can clear the MSL-flag.
MV-Flag: The addition, subtraction, and accumulation operations set the MV-flag to 1 if
the result exceeds the maximum range of signed numbers (80’0000’0000
H
to
7F’FFFF’FFFF
H); otherwise, the MV-flag is cleared. Note that if the MV-flag indicates an
arithmetic overflow, the result of the integer addition, integer subtraction, or
accumulation is not valid.
4.9.11
The Repeat Counter MRW
The Repeat Counter MRW controls the number of repetitions a loop must be executed.
The register must be pre-loaded before it can be used with -USRx CoXXX operations.
MAC operations are able to decrement this counter. When a -USRx CoXXX instruction
is executed, MRW is checked for zero before being decremented. If MRW equals zero,
bit USRx is set and MRW is not further decremented. Register MRW can be accessed
via any instruction capable of accessing a SFR.
All CoXXX instructions have a 3-bit wide repeat control field ‘rrr’ (bit positions [31:29]) in
the operand field to control the MRW repeat counter. Table 4-26 lists the possible
encodings.
MRW
MAC Repeat Word
SFR (FFDA
H/EDH)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
REPEAT_COUNT
rwh
Field
Bits
Type
Description
REPEAT_
COUNT
[15:0]
rwh
16-bit loop counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com