Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 222 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 222 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 218Page - Infineon Technologies AG XC2000 Datasheet HTML 219Page - Infineon Technologies AG XC2000 Datasheet HTML 220Page - Infineon Technologies AG XC2000 Datasheet HTML 221Page - Infineon Technologies AG XC2000 Datasheet HTML 222Page - Infineon Technologies AG XC2000 Datasheet HTML 223Page - Infineon Technologies AG XC2000 Datasheet HTML 224Page - Infineon Technologies AG XC2000 Datasheet HTML 225Page - Infineon Technologies AG XC2000 Datasheet HTML 226Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-4
V1.0, 2007-06
ICU_X2K, V2.2
5.2
Interrupt Arbitration and Control
The XC2000’s interrupt arbitration system handles interrupt requests from up to
80 sources. Interrupt requests may be triggered either by the on-chip peripherals or by
external inputs.
Interrupt processing is controlled globally by register PSW through a general interrupt
enable bit (IEN) and the CPU priority field (ILVL). Additionally, the different interrupt
sources are controlled individually by their specific interrupt control registers (… IC).
Thus, the acceptance of requests by the CPU is determined by both the individual
interrupt control registers and by the PSW. PEC services are controlled by the respective
PECCx register and by the source and destination pointers which specify the task of the
respective PEC service channel.
An interrupt request sets the associated interrupt request flag xxIR. If the requesting
interrupt node is enabled by the associated interrupt enable bit xxIE arbitration starts with
the next clock cycle, or after completion of an arbitration cycle that is already in progress.
All interrupt requests pending at the beginning of a new arbitration cycle are considered,
independently from when they were actually requested.
Figure 5-2 shows the three-stage interrupt prioritization scheme:
Figure 5-2
Interrupt Arbitration
MCD04913
OCDS
or
OCE
CPU
Arbitration
PEC/
Interrupt
Handler
CPU
Action
Control
0xxxx
(ILVL
extended
with
0 in MSB)
xxxxx
(OCDS
service
request
priority
level)
OCDS
break
request
xxxxx
(request
priority
level)
PSW
0xxxx
(ILVL.PSW
extended
with
0 in MSB)
Request
Lines
Arbitration
xxxx
(ILVL)+
x.xx
(XGLVL)
Interrupt
Request
Lines
Hardware
Traps
CPU
Stage 1:
Compared 4-Bit ILVL+
2/3-Bit XGLVL
priority levels of
interrupt sources
(64/128 priority levels)
Stage 2:
4-Bit IRQ/PEC priority level
comparated with
5-Bit OCDS priority level
Stage 3:
5-Bit request priority level
comparated with
4-Bit PSW priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com