Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 224 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 224 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 220Page - Infineon Technologies AG XC2000 Datasheet HTML 221Page - Infineon Technologies AG XC2000 Datasheet HTML 222Page - Infineon Technologies AG XC2000 Datasheet HTML 223Page - Infineon Technologies AG XC2000 Datasheet HTML 224Page - Infineon Technologies AG XC2000 Datasheet HTML 225Page - Infineon Technologies AG XC2000 Datasheet HTML 226Page - Infineon Technologies AG XC2000 Datasheet HTML 227Page - Infineon Technologies AG XC2000 Datasheet HTML 228Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-6
V1.0, 2007-06
ICU_X2K, V2.2
Both the OCDS break requests and the hardware traps bypass the arbitration scheme
and go directly to the core (see also Figure 5-2).
The arbitration process starts with an enabled interrupt request and stays active as long
as an interrupt request is pending. If no interrupt request is pending the arbitration is
stopped to save power.
TBD Register Address Space
Interrupt Control Registers
The control functions for each interrupt node are grouped in a dedicated interrupt control
register (xxIC, where “xx” stands for a mnemonic for the respective node). All interrupt
control registers are organized identically. The lower 9 bits of an interrupt control register
contain the complete interrupt control and status information of the associated source
required during one round of prioritization (arbitration cycle); the upper 7 bits are
reserved for future use. All interrupt control registers are bit-addressable and all bits can
be read or written via software. Therefore, each interrupt source can be programmed or
modified with just one instruction.
xxIC
Interrupt Control Register
(E)SFR (yyyy
H/zzH)
Reset Value: - 000
H
15
14
13
12
11
10
98
76
543
210
--
---
--
GPX xxIR xxIE
ILVL
GLVL
-
-
-
-
-
-
-
rw
rwh
rw
rw
rw
Field
Bits
Type
Description
GPX
8rw
Group Priority Extension
Completes bitfield GLVL to the 3-bit group level
xxIR
1)
7rwh
Interrupt Request Flag
0
No request pending
1
This source has raised an interrupt request
xxIE
6rw
Interrupt Enable Control Bit
(individually enables/disables a specific source)
0
Interrupt request is disabled
1
Interrupt request is enabled
ILVL
[5:2]
rw
Interrupt Priority Level
FH
Highest priority level
……
0H
Lowest priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com